Part Number Hot Search : 
12100 02BBBW2 74HC36 TDZ16 U420B SPN04N60 SL021 T6L37A
Product Description
Full Text Search
 

To Download MAX662AEVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAX662A Evaluation Kit
_______________General Description
The MAX662A evaluation kit (EV kit) is an assembled surface-mount board that allows easy evaluation of the MAX662A or MAX662. The EV kit schematic is the standard circuit shown in Figure 3a on page 5 of the MAX662A data sheet. A 3-pin jumper connector and a shunt are included to allow easy control of normal-operation and shutdown modes.
___________________PC Board Layout
The EV kit printed circuit board layouts (Figures 2 and 3) can be copied directly and incorporated into production boards.
Evaluates: MAX662A
______________Ordering Information
PART MAX662AEVKIT-SO TEMP. RANGE 0C to +70C BOARD TYPE Surface Mount
____________________Component List
DESIGNATION C1, C2 C3 C4, C5 J1 None U1 None None QTY 2 1 2 1 1 1 1 1 DESCRIPTION 0.22F ceramic SMD chip capacitors 0.1F ceramic SMD chip capacitor (MAX662 only) 4.7F low-ESR tantalum capacitors 3-pin jumper Shunt MAX662ACSA MAX662A data sheet 1.5" x 1.1" PC board
Figure 1. MAX662A EV Kit Surface-Mount Component Placement Diagram (1x scale)
____________Operating Instructions
Pin 1 of the 3-pin jumper connector is tied to ground, pin 2 is tied to the SHDN pin of the MAX662A, and pin 3 is tied to VCC (Figure 1). Connect the jumper shunt across pins 1 and 2 of jumper connector J1 for normal operation. Note: The MAX662A EV kit will be in shutdown mode if the jumper shunt is not inserted across J1. The SHDN pin has an internal pull-up to VCC, and therefore must be connected to ground for proper operation. Connect the jumper shunt across jumper connector pins 2 and 3, or simply remove the jumper shunt to observe shutdown-mode operation. Observe the power-supply input voltage limits specified in the data sheet. Do not short the output to ground. Also, do not excessively load the output--VOUT should not fall below VCC. If the above conditions are violated, the device may be damaged.
Figure 2. MAX662A EV Kit PC Board Layout--Component Side (1x scale)
Figure 3. MAX662A EV Kit PC Board Layout--Solder Side (1x scale)
1
________________________________________________________________ Maxim Integrated Products
Call toll free 1-800-998-8800 for free samples or literature.
(c) 1994 Maxim Integrated Products MAX662A EV DS REV 0
2 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
MAX662A Evaluation Kit
My end product is: __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __|
City _______________________State_____________Zip__________________Phone# _____________________________
Address ______________________________________________________________________________________________
Company _____________________________________________________________________________________________
Name ______________________________________________Title ______________________________________________
My application is: __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __|
FAX NUMBERS:
Evaluates: MAX662A
? ?@@@@@@@@ehY0@@@@@@@@ehY0@@@@@@@@@@&?@@@@@@@@e@@@@@@@@@@@4V?hY0@@@@@@@@@@e@@@@@@@@@@@@&?fY0@@@@@@@@@@&?@@@@@@@@ehY0@@@@@@@@ehY0@@@@@@@@@@@? ?@@@@@@@@h?Y(@@@@@@@@@h?Y(@@@@@@@@@@&W?@@@@@@@@e1@@@@@@@@@@@'Vg?Y(@@@@@@@@@@7e@@@@@@@@@@@&W?e?Y(@@@@@@@@@@&W?@@@@@@@@h?Y(@@@@@@@@@h?Y(@@@@@@@@@@@7? ?@@@@@@@@hY(@@@@@@@@@@hY(@@@@@@@@@@&We@@@@@@@@eX)@@@@@@@@@@@'V?fY(@@@@@@@@@@&We@@@@@@@@@@@JfY(@@@@@@@@@@&We@@@@@@@@hY(@@@@@@@@@@hY(@@@@@@@@@@@&W? ?@@@@@@@@g?Y(@@@@@@@@@@@g?Y(@@@@@@@@@@&W?e@@@@@@@@e?X6@@@@@@@@@@@'Ve?M(@@@@@@@@@@&W?e@@@@@@@@@@7?e?Y(@@@@@@@@@@&W?e@@@@@@@@g?Y(@@@@@@@@@@@g?Y(@@@@@@@@@@@&W ?@@@@@@@@gY(@@@@@@@@@@@@gY(@@@@@@@@@@&Wf@@@@@@@@f?K)@@@@@@@@@@'IM0@@@@@@@@@@@&Wf@@@@@@@@@&W?eY(@@@@@@@@@@&Wf@@@@@@@@gY(@@@@@@@@@@@@gY(@@@@@@@@@@@&W? ?@@@@@@@@f?Y(@@@@@@@@@@@@@f?Y(@@@@@@@@@@&W?f@@@@@@@@gX)@@@@@@@@@@@@@@@@@@@@@@@2W?f@@@@@@@@&We?Y(@@@@@@@@@@&W?f@@@@@@@@fY(@@@@@@@@@@@@@@fY(@@@@@@@@@@@&W? ?@@@@@@@@fY(@@@@@@@@@@@@@@fY(@@@@@@@@@@&Wg@@@@@@@@g?X)@@@@@@@@@@@@@@@@@@@@&O?g@@@@@@@&W?eY(@@@@@@@@@@&Wg@@@@@@@@f?Y(@@@@@@@@@@@@@f?Y(@@@@@@@@@@@&W ?@@@@@@@@e?Y(@@@@@@@@@@@@@@@e?Y(@@@@@@@@@@&W?g@@@@@@@@hX)@@@@@@@@@@@@@@@@@@&Wh@@@@@@@Je?Y(@@@@@@@@@@&W?g@@@@@@@@e?Y(@@@@@@@@@@@@@@@e?Y(@@@@@@@@@@@&W ?@@@@@@@@eY(@@@@@@@@@@@@@@@@eY(@@@@@@@@@@&Wh@@@@@@@@h?X)@@@@@@@@@@@@@@@@&W?h@@@@@@@?eY(@@@@@@@@@@&Wh@@@@@@@@eY(@@@@@@@@@@@@@@@@e(@@@@@@@@@@@&W ?@@@@@@@@?Y(@@@@@@@@@@@@@@@@@?Y(@@@@@@@@@@&W?h@@@@@@@@ehX)@@@@@@@@@@@@@@&Weh@@@@@@@??Y(@@@@@@@@@@&W?h@@@@@@@@?Y(@@@@@@@@@@@@@@@@@?YY(@@@@@@@@@@@&W? ?@@@@@@@@Y(@@@@@@@@@@@@@@@@@@Y(@@@@@@@@@@&Weh@@@@@@@@eh?X)@@@@@@@@@@@@&W?eh@@@@@@@?M(@@@@@@@@@@&Weh@@@@@@@@Y(@@@@@@@@@@@@@@@@@@Y(@@@@@@@@@@@&W? ?@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@&W?eh@@@@@@@@fhL@@@@@@@@@@@@?fh@@@@@@@@@@@@@@@@@@@&W?eh@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@&W ?@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@&Wfh@@@@@@@@fhH@@@@@@@@@@@@3fh@@@@@@@@@@@@@@@@@@&Wfh@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@& ?@@@@@@@@@@@@@@@@@@&W@@@@@@@@@@@@@@@@@&W?fh@@@@@@@@eh?Y(@@@@@@@@@@@@@N?eh@@@@@@@@@@@@@@@@@2W?fh@@@@@@@@@@@@@@@@@@&W@@@@@@@@@@@@@@@@@@&WW? ?@@@@@@@@@@@@@@@@@&W?@@@@@@@@@@@@@@@@&W @@@@@@@@ehY(@@@@@@@@@@@@@@'Veh@@@@@@@@@@@@@@@&O? @@@@@@@@@@@@@@@@@&W?@@@@@@@@@@@@@@@@@&W? ?@@@@@@@@@@@@@@@@&We@@@@@@@@@@@@@@@& @@@@@@@@h?Y(@@@@@@@@@@@@@@@@'V?h@@@@@@@@@@@@@@&W @@@@@@@@@@@@@@@@&We@@@@@@@@@@@@@@@@&W ?@@@@@@@@@@@@@@@&W?e@@@@@@@@@@@@@@@JW? @@@@@@@@hY(@@@@@@@@@@@@@@@@@@'Vh@@@@@@@@@@@@@&W? @@@@@@@@@@@@@@@&W?e@@@@@@@@@@@@@@@&W? ?@@@@@@@@@@@@@@&Wf@@@@@@@@@@@@@@7? @@@@@@@@g?Y(@@@@@@@@@@@@@@@@@@@@'V?g@@@@@@@@@@@@&W @@@@@@@@@@@@@@&Wf@@@@@@@@@@@@@@&W ?@@@@@@@@@@@@@&W?f@@@@@@@@@@@@@&W? @@@@@@@@gY(@@@@@@@@@&OK)@@@@@@@@@'Vg@@@@@@@@@@@&W? @@@@@@@@@@@@@&W?f@@@@@@@@@@@@&WW? ?@@@@@@@@@@@@&Wg@@@@@@@@@@@@&W @@@@@@@@f?Y(@@@@@@@@@&WeX)@@@@@@@@@'V?f@@@@@@@@@@&W @@@@@@@@@@@@&Wg@@@@@@@@@@@@@& ?@@@@@@@@@@@&W?g@@@@@@@@@@@&W? @@@@@@@@fY(@@@@@@@@@&W?e?X)@@@@@@@@@'Vf@@@@@@@@@&W? @@@@@@@@@@@&W?g@@@@@@@@@@@&W? ?@@@@@@@@@@&Wh@@@@@@@@@@&W @@@@@@@@f5@@@@@@@@@&WgX)@@@@@@@@@3f@@@@@@@@&W @@@@@@@@@@&Wh@@@@@@@@@@&W ?@@@@@@@@@2W?h@@@@@@@@@2W? @@@@@@@@f@@@@@@@@@2W?g?X6@@@@@@@@@f@@@@@@@2W? @@@@@@@@@2W?h@@@@@@@@@2W? ?
Featuring:
Product Data Sheets Evaluation Kit Manuals Free Literature Request Cards
Call toll free 1-800-998-8800 for free samples or literature.
Germany (Maxim GmbH)
UK (0734) 84 38 63
US (408) 737-7194
1994 EVALUATION KIT DATA BOOK
1994 New Releases Data Book 1994 Battery Management and DC-DC Converter Circuit Collection 1994 Applications & Product Highlights Book 1993 New Releases Data Book, Vol. II 1993 Applications & Product Highlights Book 1992 New Releases Data Book, Vol. I 1992 Applications & Product Highlights Book
Other Data Books Available from Maxim:
1994 EVALUATION KIT DATA BOOK FAXBACK OFFER
Accelerate your time to market with Maxim's evaluation kits (EV kits) that simplify design-in and prototyping. For your convenience, the 1994 Evaluation Kit Data Book includes EV kit manuals and corresponding data sheets covering 95 products in one easy-to-use book. To receive your free data book, simply FAX this response card to your nearest Maxim office, or call toll-free 1-800-998-8800 (in the US only) for prompt fulfillment. We look forward to serving you.
Printed USA
(089) 8544239
France (1) 30 64 73 48
Italy
(02) 99041981
is a registered trademark of Maxim Integrated Products.
Taiwan (35) 777659 Japan (03) 3232-6149


▲Up To Search▲   

 
Price & Availability of MAX662AEVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X